Part Number Hot Search : 
1N4565A EE07961 1203S 74AUP2G CPH3206 07197 TC4572BP ICL71
Product Description
Full Text Search
 

To Download REC20-1215SRWB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

20W 2"x 2" Package (50.8x50.8x21.0mm) 1kVDC Isolation Wide Input 2:1 Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection No External Components Required Six-Side Shielded Case 100% Burned In Industry Standard Package Remote ON/OFF and Trim Efficiency to 85%
ECONOLINE
DC/DC-Converter
REC20S_DRWB Series
20 Watt 2" x 2" Single & Dual Output
Selection Guide
Part Number 2" x 2" REC20-1205SRWB REC20-1212SRWB REC20-1215SRWB REC20-2405SRWB REC20-2412SRWB REC20-2415SRWB REC20-4805SRWB REC20-4812SRWB REC20-4815SRWB REC20-1205DRWB REC20-1212DRWB REC20-1215DRWB REC20-2405DRWB REC20-2412DRWB REC20-2415DRWB REC20-4805DRWB REC20-4812DRWB REC20-4815DRWB Input Voltage (VDC) 9-18 9-18 9-18 18-36 18-36 18-36 36-72 36-72 36-72 9-18 9-18 9-18 18-36 18-36 18-36 36-72 36-72 36-72 Output Voltage (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 Output Current (mA) 4.000 1.667 1.333 4.000 1.667 1.333 4.000 1.667 1.333 2.000 833 667 2.000 833 667 2.000 833 667 Input Current1) (mA) Full Load 2.083 2.058 2.058 1.041 980 980 521 508 508 2.083 2.033 2.033 1.041 980 980 521 508 508 No Load 30 30 28 18 18 18 10 9 9 30 30 28 18 18 18 10 9 9 Efficiency2) (%) 80 81 81 80 85 85 80 82 82 80 82 82 80 85 85 80 82 82
Notes:
1. at Nominal Input Voltage. 2. at Nominal Input Voltage and Full Load.
116
April-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL) Load Regulation (for output load current change from 20% to 100%) Over Voltage Protection External Trim Adjustment Range Ripple and Noise (0,1F capacitor on output, 20MHz BW) Switching Frequency at Full Load Input Filter Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature (free air convection) Storage Temperature Range Relative Humidity Case Material Package Weight MTBF (+25C) (+71C) MSL Level 1 (tested for 1 second) (long term isolation)
REC20-S_DRWB Series
2:1 2% max. 0.2% max. 0.2% max. Built-In 10% 100mVp-p max. 100kHz typ. Pi Network 75% min.
Output Power (%)
Derating-Graph
(Ambient Temperature)
120 100 80 60 40 20 0
Safe Operating Area
1.000VDC min. see Application Notes 1200pF max. 1 G min. Continuous -25C to +71C (see Graph) -55C to +100C 95% RH Six-Side Shielded Case 110 g
-25
0
25
50
Operating Temperature (C)
75 71
100
}
Detailed Information see Application Notes chapter "MTBF"
using MIL-HDBK 217F using MIL-HDBK 217F
700 x 10 hours 560 x 103hours
3
Simplified Schematic
Single Output
+Vin
+Vout
-Vout
-Vin PWM Controller Isolation Reference & Error AMP
Dual Output
+Vin
+Vout
Com
-Vout
-Vin PWM Controller Isolation Reference & Error AMP
www.recom-international.com
April-2005
117
ECONOLINE
DC/DC-Converter
Typical Characteristics
REC20-S_DRWB Series
Dual Output
Single Output
Fixed Voltage Output
Input 4 +Vin
+Vout
Output 6 Load
Input 4 +Vin
+Vout Com
Output 5 Load Load
DC/DC Converter Trim 8 3 Vin Vout 7
6 DC/DC Converter Trim 8 3 Vin Vout 7
Trim Connections Using a Trimpot
Input 4 +Vin
+Vout
Output 6 Trim Down 20 kW Trim Up Load
Input 4 +Vin
+Vout Com
Output 5 Trim Down 20 kW Trim Up Load Load
DC/DC Converter Trim 8 3 Vin Vout 7
6 DC/DC Converter Trim 8 3 Vin Vout 7
Fixed-Value Trim Down Resistor
Input 4 +Vin
+Vout
Output 6 8 7 Trim Down Load
Input 4 +Vin
+Vout Com
Output 5 6 8 7 Trim Down Load Load
DC/DC Converter Trim 3 Vin Vout
DC/DC Converter Trim 3 Vin
Vout
Fixed-Value Trim Up Resistor
Input 4 +Vin +Vout 6
Output
Input 4 Load +Vin DC/DC Converter 3 Vin +Vout Com Trim Vout 5 6 8 7
Output Load Load
DC/DC Converter Trim 8 3 Vin Vout 7 Trim Up
Trim Up
118
April-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Characteristics
REC20-S_DRWB Series
REC20 - types
Efficiency / Load
100 80 60 40
Efficiency %
20 0
40% 20% 60% Total Output current (%)
80%
100%
Package Style and Pinning (mm) 2" x 2" , Wide Input 2:1
3rd angle projection
2" x 2" PIN Package
50.80 50.80
21.00
Side View
5.80 30.48 45.72
Recommended Footprint Details
Pin Connections Pin # 1 3 4 5 6 7 Single Remote On/Off -Vin +Vin No Pin + Vout - Vout Trim Dual Remote On/Off -Vin +Vin + Vout Com - Vout Trim
5
6
7
8
2.5
4
3
1
Bottom View
8
XX.X 0.5 mm XX.XX 0.25 mm
2.54 4 12.7 22.9 3 15.24 1 2.54 5 6 Top View 7 8 o1.2+0.2/0.1
Remote On/Off Control Control Input Control Voltage ON Off > +2.5VDC or Open Circuit > +0.8VDC or Jumper to Pin 3 Pin 1 Control Common Converter Shutdown Idle Current Logic Compatibility Pin 3 10mA CMOS or Open Collector TTL
www.recom-international.com
April-2005
119


▲Up To Search▲   

 
Price & Availability of REC20-1215SRWB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X